Part Number Hot Search : 
150CA TL22XI 342K07 K3020 MC130 24AA64F MBRB25 MBRS1035
Product Description
Full Text Search
 

To Download 2SC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN2475B
NPN Triple Diffused Planar Silicon Transistor
2SC4110
400V/25A Switching Regulator Applications
Features
* High breakdown voltage and high reliability. * Fast switching speed. * Wide ASO. * Adoption of MBIT process.
Package Dimensions
unit:mm 2022A
[2SC4110]
2.6 3.5
15.6 14.0 3.2 4.8 2.0
1.6
1.3
1.2 15.0 20.0
2.0
1.4
20.0
0.6
1.0 1 0.6 2 3
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Base Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP IB PC
Tc=25C PW300s, duty cycle10%
5.45
5.45
1 : Base 2 : Collector 3 : Emitter SANYO : TO-3PB
Conditions
1.4
Ratings 500 400 7 25 40 8 2.5 160 150 -55 to +150
Unit V V V A A A W W
C C
Tj Tstg
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICBO IEBO hFE1 hFE2 hFE3 VCB=400V, IE=0 VEB=5V, IC=0 VCE=5V, IC=3.2A VCE=5V, IC=16A VCE=5V, IC=10mA 15* 10 10 Conditions Ratings min typ max 10 10 50* Unit A A
* : The hFE1 of the 2SC4110 is classified as follows. When specifying the hFE1 rank, specify two ranks or more in principle.
15 L 30 20 M 40 30 N 50
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1598HA (KT)/9288MO/5257TA, TS No.2475-1/4
2SC4110
Parameter Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Gain-Bandwidth Product Output Capacitance Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Collector-to-Emitter Sustain Voltage Turn-ON Time Storage Time Fall Time Symbol VCE(sat) VBE(sat) fT IC=16A, IB=3.2A IC=16A, IB=3.2A VCE=10V, IC=3.2A 500 400 7 400 0.5 2.5 0.3 20 300 Conditions Ratings min typ max 0.8 1.5 Unit V V MHz pF V V V V s s s
Cob VCB=10V, f=1MHz V(BR)CBO IC=1mA, IE=0 V(BR)CEO IC=10mA, RBE= V(BR)EBO IE=1mA, IC=0 VCEX(sus) IC=10A, IB1=1A, IB2=-4A, L=200H, clamped ton IC=20A, IB1=4A, IB2=-8A, RL=10, VCC=200V tstg IC=20A, IB1=4A, IB2=-8A, RL=10, VCC=200V tf IC=20A, IB1=4A, IB2=-8A, RL=10, VCC=200V
Switching Time Test Circuit
No.2475-2/4
2SC4110
No.2475-3/4
2SC4110
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of December, 1998. Specifications and information herein are subject to change without notice.
PS No.2475-4/4


▲Up To Search▲   

 
Price & Availability of 2SC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X